Part Number Hot Search : 
1N987B CM200C R0402 C3500 G910T25D M66010GP SBL10 BDW48
Product Description
Full Text Search
 

To Download CPE-203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 page date
1 of 5
11/12/2007
PART NUMBER: CPE-203
DESCRIPTION: piezo audio indicators
SPECIFICATONS
resonant frequency operating voltage range current consumption sound pressure level rated voltage tone operating tempurature storage tempurature dimensions weight material terminal RoHS 3.4 0.5 KHz 3 ~ 20 V DC 9 mA max. at 12 V DC 86 db min. at 30 cm/12 V DC 12 V DC continuous -30 ~ +85 C -40 ~ +95 C O24.5 x H16.0 mm 5.0 g max. ABS UL-94 1/16" high heat (black) pin type (Au plating) yes
APPEARANCE DRAWING
tolerance: 0.5 units: mm
24.5
0.8 0.1 (2 PLCS)
12.0
16.0
6.0
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383
page date
2 of 5
11/12/2007
PART NUMBER: CPE-203
DESCRIPTION: piezo audio indicators
MEASUREMENT METHOD
S.P.L. Measuring Circuit Mic: RION S.P.L. meter UC30 or equivalent
CURRENT CONSUMPTION/SOUND PRESSURE LEVEL
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383
page date
3 of 5
11/12/2007
PART NUMBER: CPE-203
DESCRIPTION: piezo audio indicators
MECHANICAL CHARACTERISTICS
item solderability test condition evaluation standard Lead terminals are immersed in rosin for 90% min. of the lead terminals 5 seconds and then immersed in solder bath will be wet with solder of 270 5C for 3 1 seconds. (except the edge of the terminal). Lead terminals are immersed up to 1.5mm from buzzer's body in solder bath of 300 5C for No interference in operation. 3 0.5 seconds or 260 5C for 10 1 seconds. For 10 seconds, the force of 300g is No damage or cutting off. applied to each terminal in axial direction. The buzzer shall be measured after applying The value of oscillation a vibration amplitude of 1.5 mm with 10 to frequency/current consumption 55 Hz band of vibration frequency to each of should be 10% of the initial the 3 perpendicular directions for 2 hours. measurements. The SPL should The part will be dropped from a height of be within 10dB compared with 75 cm onto a 40 mm thick wooden board 3 the initial measurement. times in 3 axes (X, Y, Z) for a total of 9 drops.
soldering heat resistance
terminal strength pulling vibration
drop test
ENVIRONMENT TEST
item high temp. test low temp. test humidity test temp. cycle test test condition After being placed in a chamber at +95C for 240 hours. After being placed in a chamber at -40C for 240 hours. After being placed in a chamber at +40C and 905% relative humidity for 240 hours. The part shall be subjected to 5 cycles. One cycle will consist of:
+95 +25 -40 0.5hr 0.5hr 0.25 0.5hr 3hours 0.5hr 0.5hr 0.25 +25
evaluation standard
The buzzer will be measured after being placed at +25C for 4 hours. The value of the oscillation frequency/current consumption should be 10% compared to the initial measurements. The SPL should be within 10dB compared to the initial measurements.
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383
page date
4 of 5
11/12/2007
PART NUMBER: CPE-203
DESCRIPTION: piezo audio indicators
RELIABILITY TEST
item operating (life test) test condition 1. Continuous life test: The part will be subjected to 48 hours of continuous operation at +70C with rated voltage applied. 2. Intermittent life test: A duty cycle of 1 minute on, 1 minutes off, a minimum of 5,000 times at room temp (+25 2C) with rated voltage applied. evaluation standard The buzzer will be measured after being placed at +25C for 4 hours. The value of the oscillation frequency/current consumption should be 10% compared to the initial measurements. The SPL should be within 10dB compared to the initial measurements.
TEST CONDITIONS
standard test condition judgement test condition a) tempurature: +5 ~ +35C a) tempurature: +25 2C b) humidity: 45 - 85% b) humidity: 60 - 70% c) pressure: 860-1060 mbar c) pressure: 860-1060 mbar
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383
page date
5 of 5
11/12/2007
PART NUMBER: CPE-203
DESCRIPTION: piezo audio indicators
PACKAGING
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383


▲Up To Search▲   

 
Price & Availability of CPE-203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X